PART |
Description |
Maker |
CMLDM7002A |
SURFACE MOUNT PICOmini DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 280 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
5LP01N |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators P-Channel Silicon MOSFET for Ultrahigh-Speed Switching Applications(超高速转换应用的P沟道硅MOSFET) P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications Pico MOSFET Series
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] Sanyo Semiconductor
|
ENA0889 MCH6438 |
P-Channel Silicon MOSFET General-Purpose Switching Device Applications 200 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
2SJ485 2SJ485TP-FA |
TRANSISTOR | MOSFET | P-CHANNEL | 60V V(BR)DSS | 4A I(D) | TO-252VAR P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
ECH8602M |
6 A, 30 V, 0.031 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET N-Channel Silicon MOSFET
|
Sanyo Semicon Device
|
2SK3591-01MR 2SK3591 |
N-CHANNEL SILICON POWER MOSFET 40 A, 150 V, 0.041 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB From old datasheet system
|
Fuji Electric Holdings Co., Ltd. FUJI[Fuji Electric]
|
Q62702-F1772 BF2000W |
From old datasheet system Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise/ gain-controlled input stages up to 1 GHz) Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz) UHF BAND, Si, N-CHANNEL, RF SMALL SIGNAL, MOSFET
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
CMLDM5757 |
SURFACE MOUNT DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS 430 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor Corp
|
HAT1023R-EL-E HAT1023R |
7 A, 20 V, 0.06 ohm, P-CHANNEL, Si, POWER, MOSFET 3.95 X 4.90 MM, PLASTIC, FP-8DAV, SOP-8 Silicon P Channel Power MOSFET High Speed Power Switching
|
Renesas Electronics, Corp. Renesas Electronics Corporation
|
|